PART |
Description |
Maker |
MAX792 MAX792CPE MAX792CSE MAX792EJE MAX792EPE MAX |
Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.62V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.37V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 2.61V. Reset and low-line threshold accuracy -2% Microprocessor Voltage Monitors with Programmable Voltage Detection Dual D-type Positive-Edge-Triggered Flip-Flops With Clear And Preset 14-CFP -55 to 125 微处理器和非挥发性内存监控电 Microprocessor and Non-Volatile Memory Supervisory Circuits From old datasheet system Microprocessor and non-volatile metory supervisory circuit. Reset threshold 3.06V. Reset and low-line threshold accuracy -2%
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
AAT3528ICX-4.63-200-T1 AAT3526 AAT3526ICX-2.32-200 |
MicroPower Supervisory Circuit with Manual Reset MicroPower垄芒 Supervisory Circuit with Manual Reset MicroPower⑩ Supervisory Circuit with Manual Reset
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
ADM70508 ADM705ARZ ADM705ARZ-REEL ADM705AN ADM705A |
Low Cost Microprocessor Supervisory Circuit; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Low Cost Microprocessor Supervisory Circuits 3 V, Voltage Monitoring Microprocessor Supervisory Circuit; Package: PDIP; No of Pins: 8; Temperature Range: Industrial Low Cost Microprocessor Supervisory Circuits
|
Analog Devices, Inc. ANALOG DEVICES INC
|
3CJB 1CJB 110CJB 15CJB 45CJB 20CJB 6CJB 35CJB 50CJ |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Microprocessor Supervisory Circuits Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset µP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits 保险 Fuse 保险
|
Rubycon, Corp. Littelfuse, Inc.
|
ADM809-5SAKS-REEL ADM809-5SAKS-REEL7 ADM809-5LAKS- |
Microprocessor Supervisory Circuit in 3-Lead SOT-23 & SC70, Active-Low Push-Pull Output Microprocessor Supervisory Circuit in 3-Lead SOT-23 & SC70, Active-High Push-Pull Output Microprocessor Supervisory Circuit in 3-Lead SC70, Active-Low Open-Drain Output Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 BNC JACK 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Microprocessor Supervisory Circuit in 3-Pin SOT-23 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 JT 18C 18#20 PIN PLUG 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
|
Analog Devices, Inc. Glenair, Inc.
|
ADM6821 ADM6821RART-RL ADM6821RART-RL7 ADM6822LART |
Low Voltage Supervisory Circuit with Watchdog, Manual Reset and Active-Low, Push-Pull Reset Output Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23 Low Voltage Supervisory Circuit with Watchdog, Manual Reset and Active-High, Push-Pull Reset Output Low Voltage Supervisory Circuit with Watchdog, Manual Reset and Active-Low, Open-Drain Reset Output
|
AD[Analog Devices]
|
ADM706PARZ-REEL ADM706PAR-REEL ADM706T ADM706R ADM |
3 V, Voltage Monitoring Microprocessor Supervisory Circuit; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 3 V, Voltage Monitoring Microprocessor Supervisory Circuits
|
Analog Devices, Inc.
|
MC3524 MC3524A |
(MC3x24) Power Supply Supervisory Circuit / Dual Voltage Comparator (MC3x24A) Power Supply Supervisory Circuit / Dual Voltage Comparator
|
Motorola
|
MCP130T-485HI MCP130T-485GI MCP120 MCP130T-315DI M |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3 The MCP130 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP120 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP130 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d The MCP120 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d (MCP120 / MCP130) Microcontroller Supervisory Circuit with Open Drain Output CAP 120UF 450V ELECT TS-HB Microcontroller Supervisory Circuit with Open Drain Output 微控制器监控电路的开漏输 Microcontroller Supervisory Circuit with Open Drain Output
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
MIC1832 MIC1832N MIC1832M |
レP Supervisory Circuit
|
MICREL[Micrel Semiconductor]
|